Part Number Hot Search : 
S9006K ER3461 224002 RX5VT AMP01FX ATA6824 34WECAK ECCM1
Product Description
Full Text Search
 

To Download PBI2H-1248F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OPEN FRAME & ENCLOSED
PBI2H Series
1 5 - 2 5 W AT T S D C / D C S I N G L E
Features
* * * * * Low profile Overcurrent protection Overvoltage protection Output voltage adjustable Smaller sized
Specifications
INPUT
Input voltage 9.2-16V, 19-32V, 38-63V, 85-140V
OPERATING
Efficiency Isolation 78%--89% Input - Output: 2000VAC Input - Case: 2000VAC Output - Case: 500VAC Input - Output - Case: 50M
OUTPUT
Output voltage Voltage adjustment Output current Ripple & noise Line regulation Load regulation Temperature coefficient Drift Overcurrent protection Overvoltage protection Rise time Holdup time See table 10% See table (Output V x 1%) +100mV pk-pk 0.9% over input range 0.8% (0%-100%) 0.03% per C (Output V x 0.5% +15mV) per 8 hrs Current limit Output shutdown 500ms for PBI2H 110V inputs 100ms others 10ms typical Insulation resistance
ENVIRONMENTAL
Operating temperature Storage temperature Cooling Humidity Vibration Shock 0C to 50C -20C to 85C Convection cooled 85% 5Hz-10Hz 10mm, 10Hz-55Hz 2G 30G
STANDARDS AND APPROVALS
Safety C-tick Designed to UL1950 AS/NZS CISPR11 Group 1, Class A
Selection Table
MODEL NUMBER PBI2H-1205F PBI2H-1212F PBI2H-1215F PBI2H-1224F PBI2H-1248F PBI2H-2405F PBI2H-2412F PBI2H-2415F PBI2H-2424F PBI2H-2448F PBI2H-4805F PBI2H-4812F PBI2H-4815F PBI2H-4824F PBI2H-4848F PBI2H-11005F PBI2H-11012F PBI2H-11015F PBI2H-11024F PBI2H-11048F INPUT 9.2-16V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 38-63V 85-140V 85-140V 85-140V 85-140V 85-140V OUTPUT 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 3A 1.3A 1A 0.7A 0.35A 3A 1.3A 1A 0.7A 0.35A 3A 1.3A 1A 0.7A 0.35A 3A 1.3A 1A 0.7A 0.35A OUTPUT POWER 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W 15W MODEL NUMBER PBI2H-1205G PBI2H-1212G PBI2H-1215G PBI2H-1224G PBI2H-1248G PBI2H-2405G PBI2H-2412G PBI2H-2415G PBI2H-2424G PBI2H-2448G PBI2H-4805G PBI2H-4812G PBI2H-4815G PBI2H-4824G PBI2H-4848G INPUT 9.2-16V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 38-63V OUTPUT 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5A 2.1A 1.7A 1.1A 0.5A 5A 2.1A 1.7A 1.1A 0.5A 5A 2.1A 1.7A 1.1A 0.5A 5A 2.1A 1.7A 1.1A 0.5A OUTPUT POWER 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W 25W MODEL NUMBER PBI2H-1205J PBI2H-1212J PBI2H-1215J PBI2H-1224J PBI2H-1248J PBI2H-2405J PBI2H-2412J PBI2H-2415J PBI2H-2424J PBI2H-2448J PBI2H-4805J PBI2H-4812J PBI2H-4815J PBI2H-4824J PBI2H-4848J PBI2H-11005J PBI2H-11012J PBI2H-11015J PBI2H-11024J PBI2H-11048J INPUT 9.2-16V 9.2-16V 9.2-16V 9.2-16V 9.2-16V 19-32V 19-32V 19-32V 19-32V 19-32V 38-63V 38-63V 38-63V 38-63V 38-63V 85-140V 85-140V 85-140V 85-140V 85-140V OUTPUT 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V 5V 12V 15V 24V 48V OUTPUT POWER 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W 50W
8A
3.3A 2.7A 1.7A 0.8A 10A 4.3A 3.4A 2.5A 1.1A 10A 4.3A 3.4A 2.5A 1.1A 10A 4.3A 3.4A 2.5A 1.1A
PBI2H-11005G 85-140V PBI2H-11012G 85-140V PBI2H-11015G 85-140V PBI2H-11024G 85-140V PBI2H-11048G 85-140V
104
PBI2H Series
1 5 - 1 5 0 W AT T S S I N G L E O U T P U T
OPEN FRAME & ENCLOSED
Technical Illustrations
PBI2H-F (15W)
PBI2H-G (25W)
PBI2H-J (50W)
Your dependable power partner - www.powerbox.com.au
105


▲Up To Search▲   

 
Price & Availability of PBI2H-1248F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X